PART |
Description |
Maker |
M80-5T10822M1-04-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 8 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20422M5-00-000-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
44472-2453 44472-2252 44472-0253 44472-1253 44472- |
PCB Connector; No. of Contacts:24; No. of Rows:2 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 22CKT MINIFIT VER S/R & D/R HCS HDR ASSY 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-2 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini-Fit HCS Hdr Assy 22Ckt Tin V-0 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-0 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 444721052 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
050-026-032 050-026-032B 050-064-032 050-010-033A |
26 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER 64 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER Shrouded Ejector Latch Header; No. of Contacts:10; Pitch Spacing:0.1"; No. of Rows:2; Gender:Male; Series:LAT-CON Ejector Latch Header; No. of Contacts:40; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Contact Plating:Gold; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 60 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT 50 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT
|
ITW PANCON
|
97-3250-90 |
; No. of Contacts:50; Contact Termination:IDC; Gender:Male; Contact Plating:Gold RoHS Compliant: Yes 50 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Cinch Connectors
|
1642890000 |
Terminal Block; Pitch Spacing:0.13"; Mounting Type:PCB Thru Hole; Approval Bodies:UL, CSA, VDE; Gender:Male; Leaded Process Compatible:Yes; Number of Contacts:16; Number of Rows:2 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Weidmuller, Corp.
|
EM6K1 EM6K1T2R EM6K18000 |
Small switching (30V/ 0.1A) Male terminal; Gender:Male; Number of Contacts:1; Series:MX150L; Color:Black; For Use With:19419, 19429; Pitch Spacing:5.84mm; Wire Size (AWG):22-18 Small switching (30V, 0.1A) 小开关(30V的,0.1A
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
HDRIGHTANGLE 781-M15-113R141 781-M15-113R001 781-M |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
|
List of Unclassifed Manufacturers
|
|